Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL9A12V18CX RFG Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSL9A12V18CX RFG Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSL9A12V18CX RFG
Download  TSL9A12V18CX RFG Download
File Size   897.36 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 6V, Nanopower IQ 600nA, Low-Dropout Linear Regulator with Enable

TSL9A12V18CX RFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL9A12V18CX RFG Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSL9A12V18CX RFG
Download  TSL9A12V18CX RFG Click to download

File Size   897.36 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 6V, Nanopower IQ 600nA, Low-Dropout Linear Regulator with Enable

TSL9A12V18CX RFG Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSL9A12V18CX RFG Product details

FEATURES
Input voltage up to 6V
Fixed output voltages 1.8V and 3.3V
Ultra-low quiescent current 600nA (typ.)
Output voltage accuracy 2%
Dropout voltage 400mV @ IO: 200mA (VOUT=3.3V)
Stable with ceramic capacitors
Current limit protection
Over temperature protection
RoHS Compliant
Halogen-Free

APPLICATION
Portable, Battery powered equipment
Low power microcontrollers
Wireless communication equipment




Similar Part No. - TSL9A12V18CX RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSL9A12V18CX RFG TSC-TSL9A12V18CX RFG Datasheet
897Kb / 10P
200mA, 6V, Nanopower IQ 600nA, Low-Dropout Linear Regulator with Enable
Version: A2402
More results


Similar Description - TSL9A12V18CX RFG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Richtek Technology Corp...
RT9079 RICHTEK-RT9079 Datasheet
177Kb / 10P
36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com